Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPL2FXX Datasheet (PDF) - Siemens Semiconductor Group

Part # SPL2FXX
Description  Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
File Size   122.39 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPL2FXX Datasheet (PDF) - Siemens Semiconductor Group



Similar Part No. - SPL2FXX

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL2F81-2S OSRAM-SPL2F81-2S Datasheet
211Kb / 7P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL2F94-2S OSRAM-SPL2F94-2S Datasheet
211Kb / 7P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
More results


Similar Description - SPL2FXX

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
SPLCGXX SIEMENS-SPLCGXX Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
SPLPLXX SIEMENS-SPLPLXX Datasheet
78Kb / 4P
Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
logo
OSRAM GmbH
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPL2F81-2S OSRAM-SPL2F81-2S Datasheet
211Kb / 7P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL2F94-2S OSRAM-SPL2F94-2S Datasheet
211Kb / 7P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPLCG65 OSRAM-SPLCG65 Datasheet
180Kb / 7P
Rote Laser Diode in offener Bauform 0.5 W cw
SPL-2F81-2S OSRAM-SPL-2F81-2S Datasheet
206Kb / 8P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com