Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XOC17 Datasheet (PDF) - RF Monolithics, Inc

Part # XOC17
Description  5 to 100 MHz Frequency Range
File Size   419.56 Kbytes
Html View  1   2 
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XOC17 Datasheet (PDF) - RF Monolithics, Inc



Similar Part No. - XOC17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
XOCLCC6EVB ONSEMI-XOCLCC6EVB Datasheet
288Kb / 9P
Crystal Clock Oscillator Module Evaluation Board Manual for NBX Family
September, 2008 ??Rev. 1
logo
RF Monolithics, Inc
XOCSM101 RFM-XOCSM101 Datasheet
461Kb / 4P
10.000000 MHz OCXO
XOCSM102 RFM-XOCSM102 Datasheet
462Kb / 4P
10.000000 MHz OCXO
XOCSM103 RFM-XOCSM103 Datasheet
462Kb / 4P
10.000000 MHz OCXO
More results


Similar Description - XOC17

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-A3670 NEL-SD-A3670 Datasheet
210Kb / 2P
Frequency Range: 70.0 MHz to 200.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
Frequency Range: 100.0 MHz to 320.0 MHz
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
Frequency Range: 10.0 MHz to 52.0 MHz
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
Frequency Range: 60.0 MHz to 200.0 MHz
SC-B1420 NEL-SC-B1420 Datasheet
206Kb / 2P
Frequency Range: 1.0 MHz to 80.0 MHz
SJ-A1420 NEL-SJ-A1420 Datasheet
291Kb / 2P
Frequency Range: 1.0 MHz to 80.0 MHz
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
Frequency Range: 10.0 MHz to 250.0 MHz
logo
API Delevan
BXHF1079 API-BXHF1079 Datasheet
273Kb / 3P
Standard Microwave Amplifier Frequency Range: 100 MHz to 25 GHz
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
50 MHz to 1000 MHz Frequency Range
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
30 MHz to 3000 MHz Frequency Range
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com