| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
CS5203A-1
|
86Kb / 10P |
3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7 |
|
CS5204-1
|
73Kb / 10P |
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8 |
|
CS5206-3
|
77Kb / 10P |
6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7 |
|
CS5201-3
|
191Kb / 8P |
1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8 |
|
CS5203-3
|
172Kb / 6P |
3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7 |
|
CS5204-1
|
239Kb / 9P |
4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9 |
|
CS52015-3
|
217Kb / 8P |
1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8 |
 Allegro MicroSystems |
A4406
|
1Mb / 27P |
The A4406 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply an internal 5 V linear regulator and a 3.3 V linear DMOS driver.
|
|
A4407
|
1Mb / 29P |
The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,
|
 ON Semiconductor |
CS5205-1
|
245Kb / 9P |
5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8 |