Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7003-6 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE7003-6
Description  TNC ATTENUATOR, MALE TO FEMALE FREQUENCY RANGE; DC TO 2,000MHz
File Size   88.22 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7003-6 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE7003-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7003-6 PASTERNACK-PE7003-6 Datasheet
226Kb / 3P
6 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
PE7003-6 PASTERNACK-PE7003-6_16 Datasheet
226Kb / 3P
6 dB Fixed Attenuator, TNC Male to TNC Female Brass Nickel Body
More results


Similar Description - PE7003-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6089 PASTERNACK-PE6089 Datasheet
84Kb / 1P
TNC MALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE6091 PASTERNACK-PE6091 Datasheet
84Kb / 1P
TNC FEMALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE6099 PASTERNACK-PE6099 Datasheet
84Kb / 1P
TNC MALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 18GHz
PE8219 PASTERNACK-PE8219 Datasheet
89Kb / 1P
TNC MALE TO TNC FEMALE D,C BLOCK(INNER) FREQUENCY RANGE : 10MHz TO 18 GHz
PE7031-1 PASTERNACK-PE7031-1 Datasheet
89Kb / 1P
N ATTENUATOR MALE, TO FEMALE 300 WATT, FREQUENCY RANGE: DC TO 1 GHz
PE7032-3 PASTERNACK-PE7032-3 Datasheet
90Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500MHz
PE7032-30 PASTERNACK-PE7032-30 Datasheet
91Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz
PE7030-30 PASTERNACK-PE7030-30 Datasheet
216Kb / 3P
30 dB Fixed Attenuator, TNC Male To TNC Female Passivated 30 dB Fixed Attenuator, TNC Male To TNC Female Passivated
PE7032-6 PASTERNACK-PE7032-6 Datasheet
91Kb / 1P
N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz
PE7003-2 PASTERNACK-PE7003-2 Datasheet
87Kb / 1P
TNC ATTENUATOR, MALE TO FEMALE FREQUENCY RANGE: DC TO 2,000 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com