Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42359 Datasheet (PDF) - Peregrine Semiconductor

Part # PE42359
Description  SPDT UltraCMOS짰 RF Switch 10 MHz ??3 GHz
File Size   477.64 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42359 Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE42359

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235 Datasheet
220Kb / 2P
BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax
PE4235 PASTERNACK-PE4235 Datasheet
318Kb / 3P
BNC Twinax Jack Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE4235-EK PEREGRINE-PE4235-EK Datasheet
288Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235_16 Datasheet
318Kb / 3P
BNC Twinax Jack Connector Crimp/Solder Attachment
More results


Similar Description - PE42359

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
UltraCMOS짰 SPDT RF Switch
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
UltraCMOS짰 SPDT RF Switch
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
UltraCMOS짰 SPDT RF Switch
PE4251MLI-Z PSEMI-PE4251MLI-Z Datasheet
377Kb / 10P
UltraCMOS짰 SPDT RF Switch 10??000 MHz, Absorptive
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
UltraCMOS짰 SPDT RF Switch 5??200 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com