Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-042 Datasheet (PDF) - CUI INC

Part # PJ-042
Description  SPECIFICATIONS: RATING : 16V DC 2.5A CONTACT RESISTANCE : 50m OHMS MAX
File Size   252.51 Kbytes
Html View  1 
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-042 Datasheet (PDF) - CUI INC



Similar Part No. - PJ-042

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-042 CUI-PJ-042 Datasheet
252Kb / 1P
DC POWER JACK
logo
CUI Devices
PJ-042 CUID-PJ-042 Datasheet
316Kb / 3P
DC POWER JACK
06/18/2024
logo
CUI INC
PJ-042-SMT CUI-PJ-042-SMT Datasheet
158Kb / 3P
DC POWER JACK
PJ-042-SMT-TR CUI-PJ-042-SMT-TR Datasheet
432Kb / 4P
DC POWER JACK
logo
CUI Devices
PJ-042-SMT-TR CUID-PJ-042-SMT-TR Datasheet
356Kb / 4P
DC POWER JACK
03/02/2023
More results


Similar Description - PJ-042

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P021301 E-SWITCH-P021301 Datasheet
75Kb / 1P
TL3340AF160QG - RATING: 12VDC, 50mA, CONTACT RESISTANCE: 500 MILLI OHMS MAX ,
EG1218 E-SWITCH-EG1218 Datasheet
40Kb / 1P
CONTACT RESISTANCE: 50MILLI-OHMS Max
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
RATING 20V DC 7.5A CONTACT RESISTANCE : 30m OHMS MAX
PJ-035C CUI-PJ-035C Datasheet
237Kb / 1P
CONTACT RESISTANCE : 50m OHMS MAX
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
PJ-063BH CUI-PJ-063BH Datasheet
22Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
logo
E-SWITCH
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
Contact Resistance : 10m-OHMS
K200102 E-SWITCH-K200102 Datasheet
33Kb / 1P
Contact Resistance : 10m-OHMS
K200137 E-SWITCH-K200137 Datasheet
66Kb / 1P
Contact Resistance : 10m-OHMS
logo
CUI INC
PDP-30 CUI-PDP-30 Datasheet
111Kb / 4P
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com