Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFC Datasheet (PDF) - Axiomtek Co., Ltd.

Part # CFC
Description  CFast card specification standard, Capacity: 2GB up to 32GB
File Size   185.9 Kbytes
Html View  1 
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CFC Datasheet (PDF) - Axiomtek Co., Ltd.



Similar Part No. - CFC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
CFC-032 AAEON-CFC-032 Datasheet
123Kb / 1P
100% IDE standard compatible, Compact Flash Specification standard
CFC-064 AAEON-CFC-064 Datasheet
123Kb / 1P
100% IDE standard compatible, Compact Flash Specification standard
logo
NTE Electronics
CFC-1 NTE-CFC-1 Datasheet
14Kb / 1P
CEILING FAN SINGLE & DUAL VERSIONS
CFC-1 NTE-CFC-1 Datasheet
2Mb / 1P
CEILING FAN SINGLE & DUAL VERSIONS
CFC-1 NTE-CFC-1 Datasheet
3Mb / 1P
CEILING FAN SINGLE & DUAL VERSIONS
More results


Similar Description - CFC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
Transcend Information. ...
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
4~32GB High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
4~32GB High Capacity Secure Digital Card
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD Datasheet
252Kb / 2P
Capacity: 128MB to 32GB
logo
List of Unclassifed Man...
AF2GCSI-OAAXP ETC1-AF2GCSI-OAAXP Datasheet
848Kb / 23P
ATP Industrial Grade CFast Card Specification
logo
Vecow Co., Ltd.
EMBC-3000 VECOW-EMBC-3000 Datasheet
852Kb / 2P
DDR4 2400MHz memory, up to 32GB
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com