Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS160-86 Datasheet (PDF) - Alpha Industries

Part # AS160-86
Description  PHEMT GaAs IC Transmit/Dual Receive Switch With Diversity Antennas 0.5-2 GHz
File Size   50.06 Kbytes
Html View  1   2   3 
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS160-86 Datasheet (PDF) - Alpha Industries



Similar Part No. - AS160-86

ManufacturerPart #DatasheetDescription
logo
Power-One
AS1601-7R POWER-ONE-AS1601-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
Kinetic Technologies.
AS1602 KINETIC-AS1602 Datasheet
159Kb / 2P
Dual Channel Active EMI & ESD Suppressor for
March 2022 - Revision 04d
More results


Similar Description - AS160-86

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS172-73 SKYWORKS-AS172-73 Datasheet
49Kb / 2P
PHEMT GaAs IC Transfer Switch DC-2 GHz
logo
Tyco Electronics
MASWSS0130 MACOM-MASWSS0130 Datasheet
244Kb / 4P
GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Skyworks Solutions Inc.
SKY13252-321 SKYWORKS-SKY13252-321 Datasheet
182Kb / 2P
PHEMT GaAs IC Diversity Switch DC-6 GHz
logo
Tyco Electronics
MASWSS0040 MACOM-MASWSS0040 Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0040 MA-COM-MASWSS0040 Datasheet
144Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0130 MA-COM-MASWSS0130 Datasheet
136Kb / 4P
GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226_05 Datasheet
196Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
HMC226 HITTITE-HMC226_10 Datasheet
180Kb / 4P
GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
logo
Skyworks Solutions Inc.
RFX2411 SKYWORKS-RFX2411 Datasheet
998Kb / 9P
2.4GHZ TRANSMIT / RECEIVE ZIGBEE RFEIC WITH DIVERSITY SWITCH
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com