Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX7529 Datasheet (PDF) - California Eastern Labs

Part # NX7529
Description  NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
File Size   190.27 Kbytes
Html View  1   2   3   4 
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7529 Datasheet (PDF) - California Eastern Labs



Similar Part No. - NX7529

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7529BB-AA CEL-NX7529BB-AA Datasheet
184Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
logo
Renesas Technology Corp
NX7529BB-AA RENESAS-NX7529BB-AA Datasheet
213Kb / 10P
LASER DIODE
2001
logo
California Eastern Labs
NX7529BB-AA-AZ CEL-NX7529BB-AA-AZ Datasheet
184Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
More results


Similar Description - NX7529

ManufacturerPart #DatasheetDescription
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5504 CEL-NX5504 Datasheet
309Kb / 6P
NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX7561JB-BC CEL-NX7561JB-BC Datasheet
180Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
NX7661 CEL-NX7661 Datasheet
185Kb / 4P
NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7561 CEL-NX7561 Datasheet
185Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7528 CEL-NX7528 Datasheet
190Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7527 CEL-NX7527 Datasheet
189Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7526 CEL-NX7526 Datasheet
189Kb / 3P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com