Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF5210 Datasheet (PDF) - Unisonic Technologies

Part # UF5210
Description  -40A, -100V P-CHANNEL POWER MOSFET
File Size   277.29 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF5210 Datasheet (PDF) - Unisonic Technologies



Similar Part No. - UF5210

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UF520 MICROSEMI-UF520 Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Unisonic Technologies
UF520 UTC-UF520 Datasheet
203Kb / 6P
9.2A, 100V N-CHANNEL POWER MOSFET
UF520G-TA3-T UTC-UF520G-TA3-T Datasheet
203Kb / 6P
9.2A, 100V N-CHANNEL POWER MOSFET
UF520G-TA3-T UTC-UF520G-TA3-T Datasheet
197Kb / 6P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UF520L-TA3-T UTC-UF520L-TA3-T Datasheet
203Kb / 6P
9.2A, 100V N-CHANNEL POWER MOSFET
More results


Similar Description - UF5210

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRK9160D INTERSIL-FRK9160D Datasheet
48Kb / 6P
40A, -100V, 0.085 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
IRF150 INTERSIL-IRF150 Datasheet
57Kb / 7P
40A, 100V, 0.055 Ohm, N-Channel Power MOSFET
March 1999
logo
Unisonic Technologies
UTT30P04 UTC-UTT30P04 Datasheet
142Kb / 3P
40A, 21V P-CHANNEL POWER MOSFET
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
70A, 100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
-6.8A, -100V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
-100V P-Channel Power MOSFET
logo
Rohm
RSJ400N10FRA ROHM-RSJ400N10FRA Datasheet
662Kb / 15P
Nch 100V 40A Power MOSFET
RSJ400N10 ROHM-RSJ400N10 Datasheet
1Mb / 16P
Nch 100V 40A Power MOSFET
logo
Shindengen Electric Mfg...
P40B10SN SHINDENGEN-P40B10SN Datasheet
1Mb / 7P
Power MOSFETs 100V, 40A, N-channel
logo
Rohm
RH6P040BH ROHM-RH6P040BH Datasheet
2Mb / 10P
Nch 100V 40A Power MOSFET
20220531 - Rev.002
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com