Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008566 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MASW-008566
Description  GaAs SP4T 2.5 V High Power Switch
File Size   119.46 Kbytes
Html View  1   2   3   4 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008566 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MASW-008566

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008566 MACOM-MASW-008566 Datasheet
100Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-008566 MA-COM-MASW-008566 Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASW-008566-001SMB MA-COM-MASW-008566-001SMB Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASW-008566-001SMB MA-COM-MASW-008566-001SMB Datasheet
639Kb / 5P
GaAs SP4T 2.5 V High Power Switch
logo
Tyco Electronics
MASW-008566-TR3000 MACOM-MASW-008566-TR3000 Datasheet
100Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
More results


Similar Description - MASW-008566

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS192-300 ALPHA-AS192-300 Datasheet
28Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
logo
Skyworks Solutions Inc.
AS221-306 SKYWORKS-AS221-306 Datasheet
65Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz
logo
Tyco Electronics
MASW-008566 MACOM-MASW-008566 Datasheet
100Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118 MACOM-MASWSS0118 Datasheet
206Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
logo
Skyworks Solutions Inc.
AS221-306 SKYWORKS-AS221-306_06 Datasheet
246Kb / 4P
PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0118 MA-COM-MASWSS0118 Datasheet
75Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASW-008566 MA-COM-MASW-008566 Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
GaAs SP4T High Power Switch
MASW-007813 MA-COM-MASW-007813_15 Datasheet
603Kb / 5P
GaAs SP4T High Power Switch
MASW-008566 MA-COM-MASW-008566_15 Datasheet
639Kb / 5P
GaAs SP4T 2.5 V High Power Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com