Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPT2020 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # NPT2020
Description  Gallium Nitride 48V, 50W, DC-3.5 GHz HEMT
File Size   2034.65 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2020 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - NPT2020

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT2020 MA-COM-NPT2020 Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
NPT2020-SMB2 MA-COM-NPT2020-SMB2 Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
NPT2020-SMBPPR MA-COM-NPT2020-SMBPPR Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
NPT2020 MA-COM-NPT2020_15 Datasheet
1Mb / 13P
GaN Wideband Transistor 48 V, 50 W
More results


Similar Description - NPT2020

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1015 MA-COM-NPT1015 Datasheet
2Mb / 10P
Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT
NPT2010 MA-COM-NPT2010 Datasheet
2Mb / 10P
Gallium Nitride 48V, 100W, DC-2.2 GHz HEMT
NPT2018 MA-COM-NPT2018 Datasheet
927Kb / 5P
Gallium Nitride 48V, 12.5W, DC-6 GHz HEMT
NPT2019 MA-COM-NPT2019 Datasheet
918Kb / 5P
Gallium Nitride 48V, 25W, DC-6 GHz HEMT
NPT2021-DC-2P2GHZ-50W MA-COM-NPT2021-DC-2P2GHZ-50W Datasheet
951Kb / 4P
Gallium Nitride 48V, 50W, DC-2.2 GHz HEMT
NPT2022 MA-COM-NPT2022 Datasheet
2Mb / 10P
Gallium Nitride 48V, 100W, DC-2 GHz HEMT
NPTB00004A MA-COM-NPTB00004A Datasheet
2Mb / 10P
Gallium Nitride 28V, 5W, DC-6 GHz HEMT
NPTB00050 MA-COM-NPTB00050 Datasheet
510Kb / 8P
Gallium Nitride 28V, 50W RF Power Transistor
NPT1015 MA-COM-NPT1015_15 Datasheet
2Mb / 10P
DC-3.5 GHz HEMT
NPT2019 MA-COM-NPT2019_15 Datasheet
918Kb / 5P
DC-6 GHz HEMT
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com