Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6236 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE6236
Description  Low Power 1 Watts RF Load With Chain Up To 65 GHz
File Size   320.0 Kbytes
Html View  1   2 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6236 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE6236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6236 PASTERNACK-PE6236 Datasheet
424Kb / 4P
1 Watt RF Load With Chain Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
PE6236 PASTERNACK-PE6236_16 Datasheet
424Kb / 4P
1 Watt RF Load With Chain Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
More results


Similar Description - PE6236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6086 PASTERNACK-PE6086 Datasheet
350Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Male RF Load With Chain Up To 40 GHz
PE6088 PASTERNACK-PE6088 Datasheet
354Kb / 3P
50 Ohm 0.5 Watts Precision 2.92mm Female RF Load With Chain Up To 40 GHz
PE6177 PASTERNACK-PE6177 Datasheet
358Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up with Chain To 40 GHz
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
1 Watts WR-51 RF Load Up To 18 GHz
PE6235 PASTERNACK-PE6235 Datasheet
317Kb / 2P
Low Power 1 Watts RF Load Up To 65 GHz
PE6228 PASTERNACK-PE6228 Datasheet
203Kb / 3P
Medium Power 25 Watts RF Load Up To 3 GHz With
PE6243 PASTERNACK-PE6243 Datasheet
308Kb / 2P
Low Power 1 Watts RF Load Up To 10 GHz With SSMC Male Input
PE6174 PASTERNACK-PE6174_16 Datasheet
454Kb / 4P
Watt RF Load with Chain Up to 40 GHz
PE6179 PASTERNACK-PE6179_16 Datasheet
443Kb / 4P
1 Watt RF Load with Chain Up to 50 GHz
PE6236 PASTERNACK-PE6236_16 Datasheet
424Kb / 4P
1 Watt RF Load With Chain Up to 65 GHz With 1.85mm Male Input Passivated Stainless Steel
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com