Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17_2015 Datasheet (PDF) - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFS17_2015
Description  NPN 1 GHz wideband transistor
File Size   39.58 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFS17_2015 Datasheet (PDF) - Quanzhou Jinmei Electronic Co.,Ltd.



Similar Part No. - BFS17_2015

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BFS17-3 KEXIN-BFS17-3 Datasheet
905Kb / 2P
NPN Transistors
BFS17-HF KEXIN-BFS17-HF Datasheet
908Kb / 2P
NPN Transistors
BFS17-HF-3 KEXIN-BFS17-HF-3 Datasheet
964Kb / 2P
NPN Transistors
logo
NXP Semiconductors
BFS17A PHILIPS-BFS17A Datasheet
43Kb / 6P
NPN 3 GHz wideband transistor
September1995
logo
Vishay Siliconix
BFS17A VISHAY-BFS17A Datasheet
164Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
More results


Similar Description - BFS17_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF547 PHILIPS-BF547 Datasheet
96Kb / 11P
NPN 1 GHz wideband transistor
September 1995
BF547W PHILIPS-BF547W Datasheet
83Kb / 12P
NPN 1 GHz wideband transistor
June 1994
BF747 PHILIPS-BF747 Datasheet
96Kb / 11P
NPN 1 GHz wideband transistor
September 1995
BFQ17 PHILIPS-BFQ17 Datasheet
35Kb / 6P
NPN 1 GHz wideband transistor
September 1995
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
NPN 1 GHz wideband transistor
September 1995
BFS17W PHILIPS-BFS17W Datasheet
46Kb / 6P
NPN 1 GHz wideband transistor
1995 Sep 04
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
logo
Quanzhou Jinmei Electro...
BFS17W_2015 JMNIC-BFS17W_2015 Datasheet
40Kb / 6P
NPN 1 GHz wideband transistor
BFS17 JMNIC-BFS17_15 Datasheet
39Kb / 6P
NPN 1 GHz wideband transistor
BFS17W JMNIC-BFS17W_15 Datasheet
40Kb / 6P
NPN 1 GHz wideband transistor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com