| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
ADR290
|
199Kb / 15P |
Low Noise Micropower Precision Voltage References
REV.B |
|
AD1582
|
254Kb / 16P |
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
6/04-Data Sheet Changed from REV. C to REV. D. |
|
AD1582
|
388Kb / 16P |
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J |
|
ADR292GRZ
|
348Kb / 20P |
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F |
|
ADR291GRUZ-REEL7
|
348Kb / 20P |
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F |
|
5962-8958101PA
|
507Kb / 20P |
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K |
|
AD1582
|
388Kb / 16P |
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J |
|
AD1583
|
388Kb / 16P |
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J |
|
AD1584
|
388Kb / 16P |
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J |
|
ADR292
|
348Kb / 20P |
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F |