Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR291 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR291
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR291 Datasheet(HTML) 2 Page - Analog Devices

  ADR291 Datasheet HTML 1Page - Analog Devices ADR291 Datasheet HTML 2Page - Analog Devices ADR291 Datasheet HTML 3Page - Analog Devices ADR291 Datasheet HTML 4Page - Analog Devices ADR291 Datasheet HTML 5Page - Analog Devices ADR291 Datasheet HTML 6Page - Analog Devices ADR291 Datasheet HTML 7Page - Analog Devices ADR291 Datasheet HTML 8Page - Analog Devices ADR291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADR291/ADR292
Rev. F | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Connection Diagrams...................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
ADR291 Electrical Specifications............................................... 3
 
ADR292 Electrical Specifications............................................... 4
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configurations and Function Descriptions ........................... 7
 
Typical Performance Characteristics ............................................. 8
 
Terminology .................................................................................... 12
 
Theory of Operation ...................................................................... 13
 
Device Power Dissipation Considerations.............................. 13
 
Basic Voltage Reference Connections ..................................... 13
 
Noise Performance ..................................................................... 13
 
Turn-On Time ............................................................................ 13
 
Applications Information .............................................................. 14
 
High Voltage Floating Current Source .................................... 14
 
Kelvin Connections.................................................................... 14
 
Low Power, Low Voltage Reference for Data Converters ..... 14
 
Voltage Regulator for Portable Equipment ............................. 15
 
Outline Dimensions ....................................................................... 16
 
Ordering Guide .......................................................................... 17
 
REVISION HISTORY
5/11—Rev. E to Rev. F
Deleted Negative Precision Reference Without Precision
Resistors Section ............................................................................. 14
Deleted Figure 33 and Figure 34, Renumbered Sequentially ... 14
Changes to Ordering Guide .......................................................... 17
12/07—Rev. D to Rev. E
Changes to Features.......................................................................... 1
Changes to Figure 34...................................................................... 14
3/06—Rev. C to Rev. D
Updated Format..................................................................Universal
Change to Table 8 ............................................................................. 6
Updated Outline Dimensions ....................................................... 15
Changes to Ordering Guide .......................................................... 16
9/03—Rev. B to Rev. C
Deleted ADR290.................................................................Universal
Changes to Specifications.................................................................2
Changes to Ordering Guide .............................................................4
Updated Outline Dimensions....................................................... 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com