Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR291 Datasheet(PDF) 13 Page - Analog Devices

Part # ADR291
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR291 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR291 Datasheet HTML 9Page - Analog Devices ADR291 Datasheet HTML 10Page - Analog Devices ADR291 Datasheet HTML 11Page - Analog Devices ADR291 Datasheet HTML 12Page - Analog Devices ADR291 Datasheet HTML 13Page - Analog Devices ADR291 Datasheet HTML 14Page - Analog Devices ADR291 Datasheet HTML 15Page - Analog Devices ADR291 Datasheet HTML 16Page - Analog Devices ADR291 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADR291/ADR292
Rev. F | Page 13 of 20
THEORY OF OPERATION
The ADR291/ADR292 series of references uses a reference
generation technique known as XFET (eXtra implanted junc-
tion FET). This technique yields a reference with low noise, low
supply current, and very low thermal hysteresis.
The core of the XFET reference consists of two junction field
effect transistors, one having an extra channel implant to raise
its pinch-off voltage. By running the two JFETs at the same
drain current, the difference in pinch-off voltage can be amplified
and used to form a highly stable voltage reference. The intrinsic
reference voltage is around 0.5 V with a negative temperature
coefficient of about −120 ppm/K. This slope is essentially
locked to the dielectric constant of silicon and can be closely
compensated by adding a correction term generated in the same
fashion as the proportional-to-temperature (PTAT) term used
to compensate band gap references. Because most of the noise
of a band gap reference comes from the compensation circuitry,
the intrinsic temperature coefficient offers a significant advan-
tage (being about 30 times lower), and therefore, requiring less
correction resulting in much lower noise.
The simplified schematic in Figure 31 shows the basic topology
of the ADR291/ADR292 series. The temperature correction
term is provided by a current source with a value designed to be
proportional to absolute temperature. The general equation is
() ( 3
1
3
2
1
R
I
R
R
R
R
V
V
PTAT
P
OUT
+
⎟
⎠
⎞
⎜
⎝
⎛
+
+
Δ
=
)
where:
ΔVP
is the difference in pinch-off voltage between the two FETs.
IPTAT
is the positive temperature coefficient correction current.
The various versions of the ADR291/ADR292 family are created
by on-chip adjustment of R1 and R3 to achieve 2.500 V or
4.096 V at the reference output.
The process used for the XFET reference also features vertical
NPN and PNP transistors, the latter of which are used as output
devices to provide a very low dropout voltage.
VOUT
VIN
IPTAT
GND
R1
R2
R3
I1
I1
1
1 EXTRA CHANNEL IMPLANT
VOUT =
×ΔVP = IPTAT × R3
R1 + R2 + R3
R1

VP
Figure 31. ADR291/ADR292 Simplified Schematic
DEVICE POWER DISSIPATION CONSIDERATIONS
The ADR291/ADR292 family of references is guaranteed to
deliver load currents to 5 mA with an input voltage that ranges
from 2.7 V to 15 V (minimum supply voltage depends on the
output voltage chosen). When these devices are used in
applications with large input voltages, care should be exercised
to avoid exceeding the published specifications for maximum
power dissipation or junction temperature that could result in
premature device failure. Use the following formula to calculate
maximum junction temperature or dissipation of a device:
JA
A
J
D
T
T
P
θ
−
=
where
TJ and TA are the junction and ambient temperatures,
respectively.
PD
is the device power dissipation.
θJA
is the device package thermal resistance.
BASIC VOLTAGE REFERENCE CONNECTIONS
References, in general, require a bypass capacitor connected
from the VOUT pin to the GND pin. The circuit in Figure 32
illustrates the basic configuration for the ADR291/ADR292
family of references. Note that the decoupling capacitors are not
required for circuit stability.
NC
NC
NC
NC
VOUT
NC
0.1µF
0.1µF
10µF
+
NC = NO CONNECT
1
2
3
4
8
7
6
5
ADR291/
ADR292
Figure 32. Basic Voltage Reference Configuration
NOISE PERFORMANCE
The noise generated by the ADR291/ADR292 family of refer-
ences is typically less than 12 μV p-p over the 0.1 Hz to 10 Hz
band. The noise measurement is made with a band-pass filter
made of a 2-pole high-pass filter with a corner frequency at 0.1 Hz
and a 2-pole low-pass filter with a corner frequency at 10 Hz.
TURN-ON TIME
Upon application of power (cold start), the time required for
the output voltage to reach its final value within a specified
error band is defined as the turn-on settling time. Two com-
ponents normally associated with this are the time it takes for
the active circuits to settle and for the thermal gradients on the
chip to stabilize. Figure 28 shows the turn-on settling time for
the ADR291.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com