Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL213 Datasheet (PDF) - Analog Devices

Part # ADXL213
Description  Low Cost 1.2 g Dual Axis Accelerometer
File Size   196.64 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL213 Datasheet (PDF) - Analog Devices



Similar Part No. - ADXL213_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213AE AD-ADXL213AE Datasheet
359Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
ADXL213AE-REEL AD-ADXL213AE-REEL Datasheet
359Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
ADXL213EB AD-ADXL213EB Datasheet
359Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
More results


Similar Description - ADXL213_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
7/03-Data sheet changed from Rev. 0 to Rev. A.
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV.0
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com