Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5012 Datasheet (PDF) - M.S. Kennedy Corporation

Part # MSK5012
Description  Output Voltage Adjustable from 1.30V to 36V
File Size   747.02 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5012 Datasheet (PDF) - M.S. Kennedy Corporation



Similar Part No. - MSK5012_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5012BTD MSK-MSK5012BTD Datasheet
207Kb / 5P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5012BTS MSK-MSK5012BTS Datasheet
207Kb / 5P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5012BTU MSK-MSK5012BTU Datasheet
207Kb / 5P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5012BZD MSK-MSK5012BZD Datasheet
207Kb / 5P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5012BZS MSK-MSK5012BZS Datasheet
207Kb / 5P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
More results


Similar Description - MSK5012_15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1942 NTE-NTE1942 Datasheet
28Kb / 3P
Integrated Circuit Positive Adjustable Voltage Regulator, 2.85V to 36V, 2A
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
logo
Nanjing International G...
AZ431 DGNJDZ-AZ431 Datasheet
392Kb / 4P
The output voltage can be adjusted to 36V
logo
Allegro MicroSystems
A8586 ALLEGRO-A8586 Datasheet
813Kb / 19P
Output voltage adjustable from 0.8 to 30 V
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
Programmable output voltage to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
Output voltage adjustable from 5V to 30V
logo
Shanghai Leiditech Elec...
AZ431 LEIDITECH-AZ431 Datasheet
1Mb / 19P
Programmable Precise Output Voltage from 2.5V to 36V or 18V
LCE431 LEIDITECH-LCE431 Datasheet
1Mb / 5P
The output voltage can be adjusted to 36V
logo
Maxim Integrated Produc...
MAX20406EVKIT MAXIM-MAX20406EVKIT Datasheet
561Kb / 7P
Output Voltage: 3.3V/5V Fixed and Adjustable from 0.8 to 10V
Rev 3; 7/21
MAX20098EVKIT MAXIM-MAX20098EVKIT Datasheet
1Mb / 8P
Output Voltage: 5V or 3.3V Fixed, or Adjustable from 1V up to 10V
Rev 4; 4/19
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com