Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6023 Datasheet (PDF) - RF Micro Devices

Part # RFSW6023
Description  25dB Isolation at 2GHz
File Size   660.77 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6023 Datasheet (PDF) - RF Micro Devices



Similar Part No. - RFSW6023

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
300MHz to 6000MHz Operation
logo
Qorvo, Inc
RFSW6024 QORVO-RFSW6024 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
RFSW6024 PCK-410 QORVO-RFSW6024 PCK-410 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
RFSW6024TR13 QORVO-RFSW6024TR13 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
More results


Similar Description - RFSW6023

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLT11 PHILIPS-BLT11 Datasheet
485Kb / 8P
NPN 2GHz RF POWER TRANSISTOR
1995 Mar 09
logo
Gunter Seniconductor Gm...
TFF2207T GSG-TFF2207T Datasheet
114Kb / 4P
2GHz RF Mixer
logo
American Accurate Compo...
JXMBOH-T-800-2500-25 AAC-JXMBOH-T-800-2500-25 Datasheet
161Kb / 1P
Air Dielectric Directional Coupler (25dB, 30dB)
logo
Panasonic Semiconductor
ARN10A4H PANASONIC-ARN10A4H Datasheet
158Kb / 6P
8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS
logo
RF Micro Devices
R0605250L RFMD-R0605250L Datasheet
262Kb / 3P
25dB Reverse Hybrid 5MHz to 65MHz
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
High Isolation, 35 dB Typical at 1 GHz
logo
Knowles Electronics
FPC06077 KNOWLES-FPC06077 Datasheet
346Kb / 2P
8 to 12GHz 25dB Directional Coupler
logo
TriQuint Semiconductor
QPA3350 TRIQUINT-QPA3350 Datasheet
197Kb / 5P
CATV Power Doubler Hybrid 1003MHz 25dB
logo
Qorvo, Inc
QPA3248 QORVO-QPA3248 Datasheet
466Kb / 6P
CATV Power Doubler Hybrid 1003MHz 25dB
QPA3350 QORVO-QPA3350 Datasheet
197Kb / 5P
CATV Power Doubler Hybrid 1003MHz 25dB
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com