Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6023 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW6023
Description  25dB Isolation at 2GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6023 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW6023 Datasheet HTML 1Page - RF Micro Devices RFSW6023 Datasheet HTML 2Page - RF Micro Devices RFSW6023 Datasheet HTML 3Page - RF Micro Devices RFSW6023 Datasheet HTML 4Page - RF Micro Devices RFSW6023 Datasheet HTML 5Page - RF Micro Devices RFSW6023 Datasheet HTML 6Page - RF Micro Devices RFSW6023 Datasheet HTML 7Page - RF Micro Devices RFSW6023 Datasheet HTML 8Page - RF Micro Devices RFSW6023 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131111
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 10
RFSW6023
Parameter
Specification
Unit
Condition
Min
Typ
Max
Generic Performance
Switching Speed High
300
500
ns
50% CTL to 90/10% RF
Switching Speed Low
100
300
ns
90/10% RF to 10/90% RF
ESD
Human Body Model
250
V
EIA/JESD22-114A RF pins
500
V
EIA/JESD22-114A DC pins
Charge Device Model
1000
V
JESD22-C101C all pins
Control Truth Table
Switch Status
Logic Control
RF1 to RFC
RF2 to RFC
VRF1
VRF2
On
Off
High
Low
Off
On
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com