Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6023 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSW6023
Description  25dB Isolation at 2GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6023 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSW6023 Datasheet HTML 1Page - RF Micro Devices RFSW6023 Datasheet HTML 2Page - RF Micro Devices RFSW6023 Datasheet HTML 3Page - RF Micro Devices RFSW6023 Datasheet HTML 4Page - RF Micro Devices RFSW6023 Datasheet HTML 5Page - RF Micro Devices RFSW6023 Datasheet HTML 6Page - RF Micro Devices RFSW6023 Datasheet HTML 7Page - RF Micro Devices RFSW6023 Datasheet HTML 8Page - RF Micro Devices RFSW6023 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131111
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 10
RFSW6023
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Applied)
-0.5 to +5.0
V
Supply Voltage (No RF Applied)
-0.5 to +5.0
V
DC Supply Current
10
mA
Input Peak Envelope Power
+40*
dBm
Max Input Power, OFDM Modulated, 3:1 Load VSWR
+36
dBm
Max Input 3:1 VSWR
36
dBm
Operating Ambient Temperature
-40 to +85
°C
Junction Temperature
150
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity Level
MSL2
*Maximum input power with a 50Ω load.
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Low Band Performance
Temp = 25°C, VC = 3V, unless otherwise noted
Frequency Range
100
2000
MHz
Insertion Loss
0.4
0.7
dB
Input P0.1dB
40
dBm
Input Return Loss
20
dB
Isolation
25
dB
2000MHz
Harmonics (2
nd, 3rd)
80
dBc
At POUT = 30dBM, 880MHz
Input IP3
59
dBm
150MHz, 23dBm/tone
High Band Performance
Temp = 25°C, VC = 3V, unless otherwise noted
Frequency Range
2000
5000
MHz
Insertion Loss
0.6
0.8
dB
Input P0.1dB
40
dBm
Input Return Loss
15
dB
Isolation
26
dB
3800MHz
Harmonics (2
nd, 3rd)
80
dBc
At POUT = 30dBM, 2140MHz
Input IP3
59
dBm
2000MHz, 23dBm/tone
Control Voltage
Control Voltage High
2.5
3
5
V
Control Voltage Low
0.2
V
Control Current
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com