Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A3501 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE15A3501
Description  Gain of 30 dB typ
File Size   460.65 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3501 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE15A3501

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3501 PASTERNACK-PE15A3501_17 Datasheet
421Kb / 5P
TECHNICAL DATA SHEET
More results


Similar Description - PE15A3501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY68 NXP-BGY68_01 Datasheet
54Kb / 8P
75 MHz, 30 dB gain reverse amplifier
2001 Oct 18
logo
Pasternack Enterprises,...
PE15A4006 PASTERNACK-PE15A4006 Datasheet
483Kb / 6P
30 dB Gain, 38 dBm IP3, 3 dB NF, SMA
PE15A4007 PASTERNACK-PE15A4007 Datasheet
481Kb / 6P
30 dB Gain, 45 dBm IP3, 5 dB NF, SMA
logo
Quanzhou Jinmei Electro...
BGY68_2015 JMNIC-BGY68_2015 Datasheet
54Kb / 8P
75 MHz, 30 dB gain reverse amplifier
logo
Pasternack Enterprises,...
PE15A3500 PASTERNACK-PE15A3500 Datasheet
450Kb / 6P
Gain of 60 dB typ
PE15A3502 PASTERNACK-PE15A3502 Datasheet
606Kb / 6P
Gain of 60 dB typ
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
Gain of 40 dB typ
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
Gain 22 dB typ
PE15A3262 PASTERNACK-PE15A3262 Datasheet
497Kb / 6P
Gain 30 dB min
logo
Quanzhou Jinmei Electro...
BGY68 JMNIC-BGY68_15 Datasheet
54Kb / 8P
75 MHz, 30 dB gain reverse amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com