Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A3019 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE15A3019
Description  6 GHz to 18 GHz Frequency Range
File Size   451.75 Kbytes
Html View  1   2   3   4 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3019 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE15A3019

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3014 PASTERNACK-PE15A3014 Datasheet
473Kb / 6P
P1dB 24 dBm min
PE15A3015 PASTERNACK-PE15A3015 Datasheet
472Kb / 6P
P1dB 24 dBm min
PE15A3016 PASTERNACK-PE15A3016 Datasheet
450Kb / 4P
2 GHz to 8 GHz Frequency Range
PE15A3017 PASTERNACK-PE15A3017 Datasheet
460Kb / 5P
Gain 36 dB min
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
6 GHz to 18 GHz Frequency Range
More results


Similar Description - PE15A3019

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8035-SCC TRIQUINT-TGA8035-SCC_15 Datasheet
204Kb / 7P
6 to 18-GHz Frequency Range
logo
Pasternack Enterprises,...
PE80L3000 PASTERNACK-PE80L3000 Datasheet
418Kb / 7P
2 GHz to 18 GHz Frequency Range
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
6 GHz to 18 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
DC to 6 GHz Frequency Range
PE15A3020 PASTERNACK-PE15A3020 Datasheet
488Kb / 6P
6 GHz to 18 GHz Frequency Range
PE15A3265 PASTERNACK-PE15A3265 Datasheet
461Kb / 5P
2 GHz to 18 GHz Frequency Range
PE15A5017 PASTERNACK-PE15A5017 Datasheet
477Kb / 6P
0.7 GHz to 6 GHz Frequency Range
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
2 GHz to 6 GHz Frequency Range
logo
Analog Devices
HMC520A AD-HMC520A Datasheet
423Kb / 28P
Radio frequency (RF) range: 6 GHz to 10 GHz
REV. 0
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
Frequency Range 2.4 GHz to 2.5 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com