Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USR1021 Datasheet (PDF) - Unisonic Technologies

Part # USR1021
Description  3A SYNCHRONOUS BUCK REGULATOR
File Size   183.82 Kbytes
Html View  1   2   3   4 
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USR1021 Datasheet (PDF) - Unisonic Technologies



Similar Part No. - USR1021_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1021G-S08-R UTC-USR1021G-S08-R Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
USR1021G-S08-T UTC-USR1021G-S08-T Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
USR1021L-S08-R UTC-USR1021L-S08-R Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
USR1021L-S08-T UTC-USR1021L-S08-T Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
More results


Similar Description - USR1021_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
3MHz, 3A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
EZBuck??3A Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Micrel Semiconductor
MIC28511 MICREL-MIC28511 Datasheet
519Kb / 10P
60V/3A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6623DI AOSMD-AOZ6623DI Datasheet
910Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
AOZ6663DI AOSMD-AOZ6663DI Datasheet
691Kb / 17P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.0 October 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com