Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100PS Datasheet (PDF) - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
File Size   237.19 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

100PS Datasheet (PDF) - NXP Semiconductors



Similar Part No. - 100PS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100PS VISHAY-100PS Datasheet
89Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
12-Apr-12
logo
NXP Semiconductors
100PS NXP-100PS Datasheet
213Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET
Rev. 01-23 November 2009
logo
Micro Commercial Compon...
100PS MCC-100PS Datasheet
331Kb / 2P
20 Amp Schottky Barrier Rectifier 100 Volts
logo
JST Mfg. Co., Ltd.
100PS-JMDSS-G-1-TF JST-100PS-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
logo
All Sensors Corporation
100PSI-A-4V ASC-100PSI-A-4V Datasheet
233Kb / 7P
Amplified Middle Pressure Sensors
More results


Similar Description - 100PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R6-60PS NXP-PSMN4R6-60PS Datasheet
260Kb / 14P
N-channel 60 V, 4.6 m廓 standard level MOSFET in TO220
Rev. 01-11 March 2010
PSMN5R6-100PS NXP-PSMN5R6-100PS Datasheet
213Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET
Rev. 01-23 November 2009
PSMN7R0-100PS NXP-PSMN7R0-100PS Datasheet
252Kb / 16P
N-channel 100V 6.8 m廓 standard level MOSFET in TO220
Rev. 02-7 January 2010
PSMN017-80PS NXP-PSMN017-80PS Datasheet
253Kb / 14P
N-channel 80 V 17 m廓 standard level MOSFET in TO220
Rev. 01-11 March 2010
PSMN034-100PS NXP-PSMN034-100PS Datasheet
256Kb / 15P
N-channel 100 V 34.5 m廓 standard level MOSFET in TO220.
Rev. 02-1 March 2010
PSMN7R0-100PS PHILIPS-PSMN7R0-100PS_15 Datasheet
268Kb / 14P
N-channel 100V 6.8 m廓 standard level MOSFET in TO220.
17 October 2013
PSMN8R5-100PS PHILIPS-PSMN8R5-100PS_15 Datasheet
258Kb / 14P
N-channel 100 V 8.5 m廓 standard level MOSFET in TO220
17 October 2013
PSMN4R6-60PS PHILIPS-PSMN4R6-60PS_15 Datasheet
233Kb / 14P
N-channel 60 V, 4.6 m廓 standard level MOSFET in TO220
Rev. 3-18 April 2012
PSMN1R5-40PS NXP-PSMN1R5-40PS Datasheet
275Kb / 14P
N-channel 40 V 1.6 m廓 standard level MOSFET in TO220
15 July 2013
logo
Nexperia B.V. All right...
PSMN5R6-100PS NEXPERIA-PSMN5R6-100PS Datasheet
739Kb / 13P
N-channel 100 V 5.6 mΩ standard level MOSFET in TO220
30 November 2012
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com