Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100PS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

100PS Datasheet(HTML) 2 Page - NXP Semiconductors

  100PS Datasheet HTML 1Page - NXP Semiconductors 100PS Datasheet HTML 2Page - NXP Semiconductors 100PS Datasheet HTML 3Page - NXP Semiconductors 100PS Datasheet HTML 4Page - NXP Semiconductors 100PS Datasheet HTML 5Page - NXP Semiconductors 100PS Datasheet HTML 6Page - NXP Semiconductors 100PS Datasheet HTML 7Page - NXP Semiconductors 100PS Datasheet HTML 8Page - NXP Semiconductors 100PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
PSMN5R6-100PS
N-channel 100 V 5.6 mΩ standard level MOSFET in TO220
PSMN5R6-100PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
30 November 2012
2 / 13
[1] Continious current limited by package.
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
D
drain
3
S
source
mb
D
mounting base; connected to
drain
1 2
mb
3
TO-220AB (SOT78)
S
D
G
mbb076
3. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PSMN5R6-100PS
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting
hole; 3-lead TO-220AB
SOT78
4. Marking
Table 4.
Marking codes
Type number
Marking code
PSMN5R6-100PS
PSMN5R6-100PS
5. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
100
V
VDGR
drain-gate voltage
Tj ≥ 25 °C; Tj ≤ 175 °C; RGS = 20 kΩ
-
100
V
VGS
gate-source voltage
-20
20
V
VGS = 10 V; Tj = 100 °C; Fig. 1
-
95
A
ID
drain current
VGS = 10 V; Tmb = 25 °C; Fig. 1
[1]
-
100
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com