Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100PS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

100PS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 100PS Datasheet HTML 5Page - NXP Semiconductors 100PS Datasheet HTML 6Page - NXP Semiconductors 100PS Datasheet HTML 7Page - NXP Semiconductors 100PS Datasheet HTML 8Page - NXP Semiconductors 100PS Datasheet HTML 9Page - NXP Semiconductors 100PS Datasheet HTML 10Page - NXP Semiconductors 100PS Datasheet HTML 11Page - NXP Semiconductors 100PS Datasheet HTML 12Page - NXP Semiconductors 100PS Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
NXP Semiconductors
PSMN5R6-100PS
N-channel 100 V 5.6 mΩ standard level MOSFET in TO220
PSMN5R6-100PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
30 November 2012
13 / 13
10. Contents
1
Product profile ....................................................... 1
1.1
General description .............................................. 1
1.2
Features and benefits ...........................................1
1.3
Applications .......................................................... 1
1.4
Quick reference data ............................................ 1
2
Pinning information ...............................................2
3
Ordering information .............................................2
4
Marking ................................................................... 2
5
Limiting values .......................................................2
6
Thermal characteristics .........................................4
7
Characteristics .......................................................5
8
Package outline ................................................... 10
9
Legal information .................................................11
9.1
Data sheet status ............................................... 11
9.2
Definitions ...........................................................11
9.3
Disclaimers .........................................................11
9.4
Trademarks ........................................................ 12
© NXP B.V. 2012. All rights reserved
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 30 November 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com