Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS517_V1 Datasheet (PDF) - Hexawave, Inc

Part # HWS517_V1
Description  GaAs 0.5-3 GHz SPDT Terminated Switch
File Size   90.67 Kbytes
Html View  1   2   3 
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS517_V1 Datasheet (PDF) - Hexawave, Inc



Similar Part No. - HWS517_V1

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS510_V3 HW-HWS510_V3 Datasheet
84Kb / 3P
GaAs 0.5-4 GHz DPDT Switch
HWS511_V1 HW-HWS511_V1 Datasheet
63Kb / 2P
GaAs 0.5-3.0 GHz SPDT Switch
HWS512_V1 HW-HWS512_V1 Datasheet
64Kb / 2P
GaAs 0.5-6 GHz DPDT Switch
HWS514_V1 HW-HWS514_V1 Datasheet
61Kb / 2P
GaAs 0.5-6 GHz DPDT Switch
HWS515_V1 HW-HWS515_V1 Datasheet
59Kb / 2P
GaAs 0.5-3 GHz SPDT Switch
More results


Similar Description - HWS517_V1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
SW-394 MA-COM-SW-394 Datasheet
80Kb / 3P
GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
Hexawave, Inc
HWS429_V3 HW-HWS429_V3_15 Datasheet
76Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS531_V2 HW-HWS531_V2 Datasheet
54Kb / 3P
GaAs 0.5-6 GHz SPDT Terminated Switch
HWS525_V2 HW-HWS525_V2 Datasheet
50Kb / 2P
GaAs 0.5-3 GHz SPDT Switch
HWS516_V1 HW-HWS516_V1 Datasheet
79Kb / 3P
GaAs 0.5-3 GHz SPDT Terminated Switch
HWS515_V1 HW-HWS515_V1 Datasheet
59Kb / 2P
GaAs 0.5-3 GHz SPDT Switch
HWS509_V4 HW-HWS509_V4 Datasheet
56Kb / 3P
GaAs 0.5-3 GHz SPDT Switch
HWS507_V3 HW-HWS507_V3 Datasheet
113Kb / 3P
GaAs 0.5 -3 GHz SPDT Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com