Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE91115 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE91115
Description  Precision 1.85mm Female to 1.85mm Female Adapter
File Size   214.82 Kbytes
Html View  1   2   3 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91115 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE91115

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE91110 PASTERNACK-PE91110 Datasheet
249Kb / 3P
Maximum Insertion Loss
PE91111 PASTERNACK-PE91111 Datasheet
245Kb / 3P
Maximum Insertion Loss
PE91112 PASTERNACK-PE91112 Datasheet
248Kb / 3P
Maximum Insertion Loss
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
More results


Similar Description - PE91115

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9668 PASTERNACK-PE9668 Datasheet
252Kb / 3P
Precision 2.92mm Female to 1.85mm Female Adapter
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9717 PASTERNACK-PE9717 Datasheet
245Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
PE9729 PASTERNACK-PE9729 Datasheet
254Kb / 2P
Precision SMA Female to 1.85mm Female Adapter
PE9745 PASTERNACK-PE9745 Datasheet
241Kb / 2P
Precision 3.5mm Male to 1.85mm Female Adapter
PE9748 PASTERNACK-PE9748 Datasheet
244Kb / 2P
Precision 3.5mm Female to 1.85mm Female Adapter
PE9765 PASTERNACK-PE9765 Datasheet
253Kb / 3P
Precision 1.85mm Female to SSMA Female Adapter
PE91084 PASTERNACK-PE91084 Datasheet
253Kb / 3P
Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz
PE91109 PASTERNACK-PE91109 Datasheet
249Kb / 3P
Precision 1.0mm Female to 1.85mm Female Adapter
PE91119 PASTERNACK-PE91119 Datasheet
504Kb / 3P
Precision 1.0mm Female to 1.85mm Male Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com