Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC03DSMA Datasheet (PDF) - Kersemi Electronic Co., Ltd.

Part # AC03DSMA
Description  30 A surge current
File Size   1088.17 Kbytes
Html View  1   2   3   4   5 
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

AC03DSMA Datasheet (PDF) - Kersemi Electronic Co., Ltd.



Similar Part No. - AC03DSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC03DSMA NEC-AC03DSMA Datasheet
876Kb / 6P
3 A MOLD ISOLATED TRIAC
logo
Renesas Technology Corp
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results


Similar Description - AC03DSMA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL400 VISHAY-IL400 Datasheet
92Kb / 4P
Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
26-Oct-04
logo
Fairchild Semiconductor
AN-6846 FAIRCHILD-AN-6846 Datasheet
343Kb / 8P
Control a Flyback Power Supply with Surge Current Output
logo
List of Unclassifed Man...
TCP0030A ETC2-TCP0030A Datasheet
487Kb / 4P
30 A AC/DC Current Probe
logo
Yea Shin Technology Co....
YSCKSD130DT4 YEASHIN-YSCKSD130DT4 Datasheet
812Kb / 3P
HIGH CURRENT SURGE
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
High surge current capability
logo
SG Micro Corp
SGM6605 SGMICRO-SGM6605 Datasheet
1Mb / 15P
Device Quiescent Current: 30關A (TYP)
SGM6603 SGMICRO-SGM6603 Datasheet
1Mb / 17P
Device Quiescent Current: 30關A (TYP)
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
High surge current capability
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com