Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE423641 Datasheet (PDF) - Peregrine Semiconductor

Part # PE423641
Description  UltraCMOS SP4T RF Switch 50??000 MHz
File Size   340.56 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE423641 Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE423641

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4236 PASTERNACK-PE4236 Datasheet
328Kb / 2P
BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4236 PASTERNACK-PE4236 Datasheet
323Kb / 3P
BNC Twinax Plug Connector Clamp/Solder Attachment
logo
Pan Jit International I...
PE4236CS PANJIT-PE4236CS Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
PE4236CS_R1_00001 PANJIT-PE4236CS_R1_00001 Datasheet
568Kb / 8P
Hi-Surge ESD Protection
January 9,2020 PE4205CS_SERIES-REV.00
logo
Pasternack Enterprises,...
PE4236 PASTERNACK-PE4236_16 Datasheet
323Kb / 3P
BNC Twinax Plug Connector Clamp/Solder Attachment
More results


Similar Description - PE423641

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
SP4T UltraCMOS RF Switch DC - 3.0 GHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
SP4T UltraCMOS??RF Switch 50 ??3000 MHz
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
SP4T UltraCMOS RF Switch
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
UltraCMOS SP4T RF Switch
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
SP4T UltraCMOS RF Switch
PE42020 PSEMI-PE42020 Datasheet
1Mb / 25P
UltraCMOS True DC RF Switch, 0 Hz??000 MHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
UltraCMOS SPDT RF Switch 100??000 MHz
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
PE42446 PSEMI-PE42446 Datasheet
108Kb / 2P
High Isolation UltraCMOS® SP4T RF Switch, 10 MHz–8 GHz
06/2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com