Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC442 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC442
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
File Size   233.32 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC442 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC442

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC442 HITTITE-HMC442 Datasheet
241Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442 HITTITE-HMC442 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
1Mb / 22P
Active Bias Controller High Current
HMC442 AD-HMC442 Datasheet
1Mb / 17P
ACTIVE BIAS CONTROLLER
v02.1222
More results


Similar Description - HMC442

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC300LM1 HITTITE-HMC300LM1 Datasheet
282Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz
HMC442LM1 HITTITE-HMC442LM1 Datasheet
319Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24 GHz
HMC442LC3B HITTITE-HMC442LC3B Datasheet
336Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LM1 HITTITE-HMC442LM1_07 Datasheet
349Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
HMC300LM1 HITTITE-HMC300LM1_01 Datasheet
361Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz
HMC442 HITTITE-HMC442_09 Datasheet
241Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LC3B HITTITE-HMC442LC3B_08 Datasheet
227Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LM1 HITTITE-HMC442LM1_09 Datasheet
273Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
HMC300LM1 HITTITE-HMC300LM1_05 Datasheet
942Kb / 8P
SMT MEDIUM POWER GaAs MMIC AMPLIFIER, 25.5 - 33.5 GHz
logo
Analog Devices
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com