Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW4030G Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # MASW4030G
Description  GaAs SPDT Switch DC - 4.0 GHz
File Size   488.44 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW4030G Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - MASW4030G_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW4030G MACOM-MASW4030G Datasheet
162Kb / 2P
GaAs SPDT Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
MASW4030G MA-COM-MASW4030G Datasheet
66Kb / 4P
GaAs SPDT Switch DC - 4.0 GHz
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
More results


Similar Description - MASW4030G_15

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC240 HITTITE-HMC240 Datasheet
115Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Tyco Electronics
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW4030G MA-COM-MASW4030G Datasheet
66Kb / 4P
GaAs SPDT Switch DC - 4.0 GHz
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
MASW4060G MA-COM-MASW4060G_15 Datasheet
517Kb / 4P
GaAs SP4T Switch DC - 4.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com