Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRSTB1027 Datasheet (PDF) - Pericom Semiconductor Corporation

Part # FRSTB1027
Description  3.3V CMOS 27.000MHz Set Top Box VCXO
File Size   888.41 Kbytes
Html View  1   2 
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FRSTB1027 Datasheet (PDF) - Pericom Semiconductor Corporation



Similar Part No. - FRSTB1027

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FRS MSYSTEM-FRS Datasheet
98Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
VISATON GmbH & Co. KG
FRS 7 W VISATON-FRS 7 W Datasheet
456Kb / 1P
6,5 cm Breitbandlautsprecher / 2.5“ Fullrange Speakers
logo
M-System Co.,Ltd.
FRS-00-K MSYSTEM-FRS-00-K Datasheet
98Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FRS-00-K/BL MSYSTEM-FRS-00-K/BL Datasheet
98Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FRS-00-K/K MSYSTEM-FRS-00-K/K Datasheet
98Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results


Similar Description - FRSTB1027

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
Set-Top Box Clock Source
Revision 052098
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 012098
logo
Pericom Semiconductor C...
PI6CX100-27 PERICOM-PI6CX100-27 Datasheet
291Kb / 4P
27 MHz 3.3V VCXO for Set-Top Box Applications
logo
List of Unclassifed Man...
ES4227 ETC-ES4227 Datasheet
94Kb / 8P
Internet Set-Top Box Solution
logo
Cypress Semiconductor
CY24713 CYPRESS-CY24713 Datasheet
149Kb / 6P
Set-top Box Clock Generator with VCXO
logo
Faraday Technology
AH1013 FARADAY-AH1013 Datasheet
72Kb / 2P
SET-TOP BOX FILTERS
logo
FSP TECHNOLOGY INC.
FSP040-DGAA3 FSP-FSP040-DGAA3 Datasheet
109Kb / 1P
IPC systems, Set top box
logo
STMicroelectronics
EVL6566B-40WSTB STMICROELECTRONICS-EVL6566B-40WSTB Datasheet
288Kb / 5P
Set-top box
18-May-2011
logo
Analog Devices
AD9877 AD-AD9877_17 Datasheet
491Kb / 37P
Set-Top Box, Cable Modem
23-Feb-2017
logo
Renesas Technology Corp
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com