Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N65 Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # 4N65
Description  Drain Current ID= 4A@ TC=25C
File Size   136.78 Kbytes
Html View  1   2 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

4N65 Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - 4N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65 UTC-4N65 Datasheet
390Kb / 8P
4 Amps, 650 Volts N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
4N65 CHONGQING-4N65 Datasheet
201Kb / 2P
4A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
4N65 ZSELEC-4N65 Datasheet
607Kb / 7P
N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
4N65 ISC-4N65 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 4N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
6N65 ISC-6N65 Datasheet
136Kb / 2P
Drain Current ID= 6.2A@ TC=25C
2N15 ISC-2N15 Datasheet
65Kb / 2P
Drain Current ID= 2A@ TC=25C
2N20 ISC-2N20 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N90 ISC-2N90 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2SK996 ISC-2SK996 Datasheet
67Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1171 ISC-2SK1171 Datasheet
68Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1224 ISC-2SK1224 Datasheet
69Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1547 ISC-2SK1547 Datasheet
61Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1639 ISC-2SK1639 Datasheet
64Kb / 2P
Drain Current ?밒D= 4A@ TC=25C
2SK1650 ISC-2SK1650 Datasheet
67Kb / 2P
Drain Current ?밒D=4A@ TC=25C
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com