Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N65 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 4N65
Description  Drain Current ID= 4A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

4N65 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  4N65 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 4N65 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website
www.iscsemi.com
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
4N65
DESCRIPTION
·Drain Current ID= 4A@ TC=25℃
·Drain Source Voltage-
: VDSS= 650V(Min)
·Fast Switching Speed
APPLICATIONS
Switching applications in power supplies,
PWM motor controls,
High efficient DC to DC converters and bridge circuits
ABSOLUTE MAXIMUM RATINGS(TC=25℃
℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
650
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
4
A
ID(puls)
Pulse Drain Current
16
A
Ptot
Total Dissipation@TC=25℃
106
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
·
·
·
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.18
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃/W


Similar Part No. - 4N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65 UTC-4N65 Datasheet
390Kb / 8P
4 Amps, 650 Volts N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
4N65 CHONGQING-4N65 Datasheet
201Kb / 2P
4A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
4N65 ZSELEC-4N65 Datasheet
607Kb / 7P
N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
4N65 ISC-4N65 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 4N65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
6N65 ISC-6N65 Datasheet
136Kb / 2P
Drain Current ID= 6.2A@ TC=25C
2N15 ISC-2N15 Datasheet
65Kb / 2P
Drain Current ID= 2A@ TC=25C
2N20 ISC-2N20 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N90 ISC-2N90 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2SK996 ISC-2SK996 Datasheet
67Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1171 ISC-2SK1171 Datasheet
68Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1224 ISC-2SK1224 Datasheet
69Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1547 ISC-2SK1547 Datasheet
61Kb / 2P
Drain Current ?밒D=4A@ TC=25C
2SK1639 ISC-2SK1639 Datasheet
64Kb / 2P
Drain Current ?밒D= 4A@ TC=25C
2SK1650 ISC-2SK1650 Datasheet
67Kb / 2P
Drain Current ?밒D=4A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com