Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1118 Datasheet (PDF) - Analog Devices

Part # HMC1118
Description  High Isolation, Silicon SPDT, Nonrefective Switch, 9 kHz to 13.0 GHz
File Size   1234.68 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1118 Datasheet (PDF) - Analog Devices



Similar Part No. - HMC1118

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC1113LP5E AD-HMC1113LP5E Datasheet
615Kb / 12P
GaAs MMIC i/q mi xer DOWNCONVER TER , 10 - 16 GHz
HMC1114 AD-HMC1114 Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
HMC1114LP5DE AD-HMC1114LP5DE Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
HMC1114LP5DETR AD-HMC1114LP5DETR Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
More results


Similar Description - HMC1118

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
logo
Analog Devices
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
REV. A
logo
Peregrine Semiconductor
PE42525 PSEMI-PE42525 Datasheet
274Kb / 13P
SPDT RF Switch, 9 kHz??0 GHz
logo
Analog Devices
ADRF5025 AD-ADRF5025 Datasheet
446Kb / 13P
Silicon SPDT Switch, Reflective, 9 kHz to 44 GHz
5/2020-Rev. A to Rev. B
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
9 kHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
logo
Teledyne Technologies I...
TDSW0602T TELEDYNE-TDSW0602T Datasheet
822Kb / 12P
UltraCMOS® SPDT RF Switch, 9 kHz–60 GHz
Rev - 08/2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com