Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13N50 Datasheet (PDF) - Inchange Semiconductor Company Limited

Part # 13N50
Description  Drain Current ID= 13A@ TC=25C
File Size   136.32 Kbytes
Html View  1   2 
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

13N50 Datasheet (PDF) - Inchange Semiconductor Company Limited



Similar Part No. - 13N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13N50 UTC-13N50 Datasheet
167Kb / 6P
500V N-CHANNEL MOSFET
13N50 UTC-13N50 Datasheet
178Kb / 6P
500V N-CHANNEL MOSFET
13N50 UTC-13N50 Datasheet
221Kb / 6P
13A, 500V N-CHANNEL POWER MOSFET
logo
DONGGUAN YOU FENG WEI E...
13N50A YFWDIODE-13N50A Datasheet
849Kb / 5P
13A 500V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
13n50c FAIRCHILD-13n50c Datasheet
647Kb / 9P
500V N-Channel MOSFET
More results


Similar Description - 13N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
6N65 ISC-6N65 Datasheet
136Kb / 2P
Drain Current ID= 6.2A@ TC=25C
7N80 ISC-7N80 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
1N60A ISC-1N60A Datasheet
67Kb / 2P
Drain Current ID= 1.0A@ TC=25C
2N15 ISC-2N15 Datasheet
65Kb / 2P
Drain Current ID= 2A@ TC=25C
2N20 ISC-2N20 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2N90 ISC-2N90 Datasheet
68Kb / 2P
Drain Current ID= 2A@ TC=25C
2SK1013 ISC-2SK1013 Datasheet
69Kb / 2P
Drain Current ?밒D=13A@ TC=25C
2SK1607 ISC-2SK1607 Datasheet
67Kb / 2P
Drain Current ?밒D=13A@ TC=25C
2SK1610 ISC-2SK1610 Datasheet
67Kb / 2P
Drain Current ?밒D=13A@ TC=25C
2SK1652 ISC-2SK1652 Datasheet
69Kb / 2P
Drain Current ?밒D=13A@ TC=25C
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com