Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13N50 Datasheet (PDF) - Unisonic Technologies

13N50 Datasheet PDF - Unisonic Technologies
Part # 13N50
Download  13N50 Download
File Size   221.76 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 13A, 500V N-CHANNEL POWER MOSFET

13N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
13N50 Datasheet PDF - Unisonic Technologies

Part # 13N50
Download  13N50 Click to download

File Size   221.76 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 13A, 500V N-CHANNEL POWER MOSFET

13N50 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 13N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
13N50 UTC-13N50 Datasheet
167Kb / 6P
500V N-CHANNEL MOSFET
13N50 UTC-13N50 Datasheet
178Kb / 6P
500V N-CHANNEL MOSFET
logo
Inchange Semiconductor ...
13N50 ISC-13N50 Datasheet
136Kb / 2P
Drain Current ID= 13A@ TC=25C
logo
DONGGUAN YOU FENG WEI E...
13N50A YFWDIODE-13N50A Datasheet
849Kb / 5P
13A 500V N-channel enhanced field effect transistor
logo
Fairchild Semiconductor
13n50c FAIRCHILD-13n50c Datasheet
647Kb / 9P
500V N-Channel MOSFET
More results


Similar Description - 13N50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU13NC50 STMICROELECTRONICS-STU13NC50 Datasheet
258Kb / 8P
N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMesh™ I MOSFET
Oct-2001
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
March 1999
logo
Unisonic Technologies
13N40 UTC-13N40 Datasheet
157Kb / 4P
13A, 400V N-CHANNEL POWER MOSFET
UPC8026 UTC-UPC8026 Datasheet
154Kb / 4P
30V, 13A N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT13N50 AOSMD-AOT13N50 Datasheet
165Kb / 6P
500V, 13A N-Channel MOSFET
logo
HY ELECTRONIC CORP.
HY13N50T HY-HY13N50T Datasheet
150Kb / 4P
500V / 13A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM13ND50CI TSC-TSM13ND50CI Datasheet
341Kb / 6P
N-Channel Power MOSFET 500V, 13A, 0.48廓
logo
Silan Microelectronics ...
SVF13N50F SILAN-SVF13N50F Datasheet
400Kb / 9P
13A, 500V N-CHANNEL MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com