Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN12100 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN12100
Description  1228.8 and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
File Size   348.56 Kbytes
Html View    Update soon   
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN12100 Datasheet (PDF) - National Semiconductor (TI)



Similar Part No. - SCAN12100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200 TI-SCAN15MB200 Datasheet
827Kb / 20P
1.5 Gbps Data Rate Per Channel, Configurable Off/On Pre-emphasis Drives Lossy Backplanes and Cables
SCAN15MB200 TI1-SCAN15MB200 Datasheet
774Kb / 20P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
SCAN15MB200 TI2-SCAN15MB200 Datasheet
487Kb / 21P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
REVISED APRIL 2013
logo
National Semiconductor ...
SCAN15MB200TSQ NSC-SCAN15MB200TSQ Datasheet
602Kb / 12P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
More results


Similar Description - SCAN12100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
WT6802 ETC-WT6802 Datasheet
143Kb / 5P
Monitor OSD with Auto-calibration
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
National Semiconductor ...
SCAN25100 NSC-SCAN25100 Datasheet
521Kb / 3P
2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
SCAN25100 NSC-SCAN25100_08 Datasheet
731Kb / 34P
2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
Source Photonics, Inc.
SP-MR-SR1-IDFD SOURCE-SP-MR-SR1-IDFD Datasheet
256Kb / 9P
Support 614.4 - 2457.6Mbps CPRI multi rate
logo
Analog Devices
ADN2905 AD-ADN2905 Datasheet
666Kb / 27P
CPRI and 10G Ethernet Data Recovery IC with Amp/EQ from 614.4 Mbps to 10.3125 Gbps
REV. A
logo
Texas Instruments
SCAN25100 TI1-SCAN25100_16 Datasheet
334Kb / 38P
SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
National Semiconductor ...
SCAN25100_0611 NSC-SCAN25100_0611 Datasheet
328Kb / 14P
2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
Silicon Laboratories
SI1010-A SILABS-SI1010-A Datasheet
986Kb / 2P
Auto-frequency calibration
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com