Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93A Datasheet (PDF) - Infineon Technologies AG

Part # BFR93A
Description  Low Noise Silicon Bipolar RF Transistor
File Size   614.9 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR93A Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - BFR93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
NPN 6 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR93A VISHAY-BFR93A Datasheet
146Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Siemens Semiconductor G...
BFR93A SIEMENS-BFR93A Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2mA to 30mA)
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Jun-27-2001
logo
List of Unclassifed Man...
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
More results


Similar Description - BFR93A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2015-10-12
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com