Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IAM81008 Datasheet (PDF) - Agilent(Hewlett-Packard)

Part # IAM81008
Description  Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
File Size   58.38 Kbytes
Html View  1   2   3   4 
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IAM81008 Datasheet (PDF) - Agilent(Hewlett-Packard)



Similar Part No. - IAM81008

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
IAM-01-200 MERRIMAC-IAM-01-200 Datasheet
100Kb / 1P
BROADBAND ACTIVE ISOLATORS
IAM-01-250 MERRIMAC-IAM-01-250 Datasheet
100Kb / 1P
BROADBAND ACTIVE ISOLATORS
IAM-01-75 MERRIMAC-IAM-01-75 Datasheet
100Kb / 1P
BROADBAND ACTIVE ISOLATORS
logo
TDK Electronics
IAM-20381HT TDK-IAM-20381HT Datasheet
1Mb / 46P
High Performance Automotive Grade-2 3-Axis Accelerometer
Revision: 1.0
IAM-20680 TDK-IAM-20680 Datasheet
795Kb / 52P
High Performance Automotive 6-Axis MotionTracking Device
More results


Similar Description - IAM81008

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-81008 HP-IAM-81008 Datasheet
58Kb / 4P
Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81028 HP-IAM-81028 Datasheet
57Kb / 4P
Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-82008 HP-IAM-82008 Datasheet
63Kb / 4P
Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
IAM-82028 HP-IAM-82028 Datasheet
61Kb / 4P
Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
logo
Hittite Microwave Corpo...
HMC143 HITTITE-HMC143 Datasheet
118Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
HMC143 HITTITE-HMC143_08 Datasheet
183Kb / 8P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com