Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE39 Datasheet (PDF) - Hongfa Technology

Part # HFE39
Description  16A switching capabilty
File Size   68.83 Kbytes
Html View  1   2   3   4   5 
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE39 Datasheet (PDF) - Hongfa Technology



Similar Part No. - HFE39_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE39-1/12-2DST-L1-R HONGFA-HFE39-1/12-2DST-L1-R Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE39-1/12-2DST-L2-R HONGFA-HFE39-1/12-2DST-L2-R Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE39-1/12-2HST-L1-R HONGFA-HFE39-1/12-2HST-L1-R Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE39-1/12-2HST-L2-R HONGFA-HFE39-1/12-2HST-L2-R Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE39-1/24-2DST-L1-R HONGFA-HFE39-1/24-2DST-L1-R Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
More results


Similar Description - HFE39_17

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQX-141FF DBLECTRO-JQX-141FF Datasheet
678Kb / 3P
Relay covers switching capacity from 10A to 16A
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
Switching capacity up to 16A.
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
Switching capacity up to 16A
logo
PHOENIX CONTACT
2944533 PHOENIX-2944533 Datasheet
39Kb / 1P
Switching module - EMG 30-S2/16A - 2944533
logo
Hongfa Technology
HFE20 HONGFA-HFE20_17 Datasheet
90Kb / 7P
16A switching capability
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
Switching capacity 16A
logo
Ningbo Tianbo Ganglian ...
TRA1H TIANBO-TRA1H Datasheet
1Mb / 3P
16A switching capability
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
16A switching capability
logo
Rohm
2SK2711 ROHM-2SK2711 Datasheet
143Kb / 4P
Switching (250V, 16A)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com