Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U666B Datasheet (PDF) - List of Unclassifed Manufacturers

Part # U666B
Description  GHz prescaler (factor = 256)
File Size   24.01 Kbytes
Html View  1 
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U666B Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Description - U666B

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1505GR NEC-UPB1505GR Datasheet
60Kb / 8P
3.0 GHz PRESCALER DIVIDED BY 256, 128, 64 FOR BS/CS TUNER
logo
NXP Semiconductors
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
Infineon Technologies A...
PMB2314T INFINEON-PMB2314T Datasheet
475Kb / 14P
Prescaler Circuit 2.1 GHz
V 1.2, December 2003
logo
Fairchild Semiconductor
11C83 FAIRCHILD-11C83 Datasheet
301Kb / 4P
1GHz DIVIDE-BY-248/256 PRESCALER
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
2.5 GHz DIVIDE- BY- 512/256 PRESCALER
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
1.1 GHz Prescaler
January, 2006 ??Rev. 6
logo
LANSDALE Semiconductor ...
ML12079 LANSDALE-ML12079 Datasheet
392Kb / 4P
2.8 GHz Prescaler MECL PLL Components 첨64/128/256 Prescaler
logo
California Eastern Labs
UPB1507GV CEL-UPB1507GV Datasheet
140Kb / 11P
NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
1.1 GHz Prescaler
May, 2013 ??Rev. 7
logo
Motorola, Inc
MC12066 MOTOROLA-MC12066 Datasheet
142Kb / 4P
MECL PLL COMPONENTS 첨64/256 PRESCALER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com