Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSR20206NXT5G Datasheet (PDF) - ON Semiconductor

Part # NSR20206NXT5G
Description  2 A, 20 V Schottky Barrier Diode
File Size   62.16 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR20206NXT5G Datasheet (PDF) - ON Semiconductor



Similar Part No. - NSR20206NXT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR20204NXT5G ONSEMI-NSR20204NXT5G Datasheet
62Kb / 5P
2 A, 20 V, Schottky Barrier Diode
August, 2016 ??Rev. 2
More results


Similar Description - NSR20206NXT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR20406NXT5G ONSEMI-NSR20406NXT5G Datasheet
62Kb / 5P
2 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20306NXT5G ONSEMI-NSR20306NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20305NXT5G ONSEMI-NSR20305NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20204NXT5G ONSEMI-NSR20204NXT5G Datasheet
62Kb / 5P
2 A, 20 V, Schottky Barrier Diode
August, 2016 ??Rev. 2
logo
Nexperia B.V. All right...
PMEG2020EPK NEXPERIA-PMEG2020EPK Datasheet
701Kb / 15P
20 V, 2 A low VF MEGA Schottky barrier rectifier
logo
ON Semiconductor
SS22FA ONSEMI-SS22FA Datasheet
145Kb / 6P
Schottky Barrier Rectifiers, Surface Mount, 2 A, 20 V - 150 V
May, 2020 ??Rev. 1
logo
Littelfuse
LSIC2SD065D20A LITTELFUSE-LSIC2SD065D20A Datasheet
416Kb / 7P
Silicon Carbide Schottky Diode 650 V, 20 A SiC Schottky Barrier Diode
Revised: 2/1/2021
LSIC2SD065E20CCA LITTELFUSE-LSIC2SD065E20CCA Datasheet
1,020Kb / 5P
LSIC2SD065E20CCA 650 V, 20 A SiC Schottky Barrier Diode
Revised: 03/04/19
logo
Nexperia B.V. All right...
PMEG2010EA-Q NEXPERIA-PMEG2010EA-Q Datasheet
186Kb / 8P
20 V, 1 A low VF Schottky barrier diode
4 November 2022
PMEG2015EV NEXPERIA-PMEG2015EV Datasheet
185Kb / 8P
20 V, 1.5 A low VF Schottky barrier diode
28 December 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com