Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX122-327 Datasheet (PDF) - Fox Electronics

Part # FX122-327
Description  SMD 2.0 x 1.2 Tuning Fork
File Size   137.87 Kbytes
Html View  1   2 
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FX122-327 Datasheet (PDF) - Fox Electronics



Similar Part No. - FX122-327

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
More results


Similar Description - FX122-327

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
K124 FOX-K124 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.35mm Tuning Fork ??4 pad
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
K255 FOX-K255 Datasheet
220Kb / 2P
4.9 x 1.8mm SMD Tuning Fork
K122 FOX-K122 Datasheet
403Kb / 3P
2 x 1.2mm SMD Tuning Fork
K121 FOX-K121 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.5mm Tuning Fork ??2 pad
logo
Transko Electronics, In...
2X6 TRANSKO-2X6 Datasheet
181Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (2.0 x 6.0mm)
Rev. 3: 05-15-19
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
logo
Fox Electronics
FK135 FOX-FK135 Datasheet
397Kb / 3P
3.2mm x 1.5mm SMD Tuning Fork
Revised C: 07/29/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com