Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2982 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2982
Description  Micropower 50 mA Ultra Low-Dropout Regulator
File Size   411.22 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2982 Datasheet (PDF) - National Semiconductor (TI)



Similar Part No. - LP2982

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2982 TI1-LP2982 Datasheet
1Mb / 28P
Micropower Ultra-Low-Dropout LDO in SOT-23 Package
LP2982AIM5-3.0/NOPB TI1-LP2982AIM5-3.0/NOPB Datasheet
1Mb / 28P
Micropower Ultra-Low-Dropout LDO in SOT-23 Package
LP2982AIM5-3.3 TI1-LP2982AIM5-3.3 Datasheet
1Mb / 28P
Micropower Ultra-Low-Dropout LDO in SOT-23 Package
LP2982AIM5-3.3/NOPB TI1-LP2982AIM5-3.3/NOPB Datasheet
1Mb / 28P
Micropower Ultra-Low-Dropout LDO in SOT-23 Package
LP2982AIM5-5.0 TI1-LP2982AIM5-5.0 Datasheet
1Mb / 28P
Micropower Ultra-Low-Dropout LDO in SOT-23 Package
More results


Similar Description - LP2982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com