Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2982 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2982
Description  Micropower 50 mA Ultra Low-Dropout Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2982 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP2982 Datasheet HTML 2Page - National Semiconductor (TI) LP2982 Datasheet HTML 3Page - National Semiconductor (TI) LP2982 Datasheet HTML 4Page - National Semiconductor (TI) LP2982 Datasheet HTML 5Page - National Semiconductor (TI) LP2982 Datasheet HTML 6Page - National Semiconductor (TI) LP2982 Datasheet HTML 7Page - National Semiconductor (TI) LP2982 Datasheet HTML 8Page - National Semiconductor (TI) LP2982 Datasheet HTML 9Page - National Semiconductor (TI) LP2982 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical Characteristics (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, CIN = 1 µF, COUT = 4.7 µF, VON/OFF = 2V.
Symbol
Parameter
Conditions
Typ
LP2982AI-X.X
LP2982I-X.X
Units
(Note 6)
(Note 6)
Min
Max
Min
Max
Ripple Rejection
f = 1 kHz
C
OUT =10 µF
45
dB
I
O(MAX)
Short Circuit Current
R
L = 0 (Steady State)
(Note 9)
150
mA
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the de-
vice outside of its rated operating conditions.
Note 2: The ESD rating of pins 3 and 4 is 1 kV.
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJA, and
the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
The value of
θJA for the SOT-23 package is 220˚C/W and the micro SMD package is 320˚C/W. Exceeding the maximum allowable power dissipation will cause ex-
cessive die temperature, and the regulator will go into thermal shutdown.
Note 4: If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2982 output must be diode-clamped to ground.
Note 5: The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Reversing the polarity from VIN to VOUT
will turn on this diode.
Note 6: temperature range are guaranteed through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate National’s Average
Outgoing Quality Level (AOQL).
Note 7: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a 1V differential.
Note 8: The ON/OFF inputs must be properly driven to prevent possible misoperation. For details, refer to Application Hints.
Note 9: See Typical Performance Characteristics curves.
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, VIN =VO(NOM) +1V,
C
OUT = 4.7 µF, CIN = 1 µF, all voltage options, ON/OFF pin tied to VIN.
Output Voltage vs
Temperature
DS012679-4
Output Voltage vs
Temperature
DS012679-5
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com