Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2982 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2982
Description  Micropower 50 mA Ultra Low-Dropout Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2982 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2982 Datasheet HTML 1Page - National Semiconductor (TI) LP2982 Datasheet HTML 2Page - National Semiconductor (TI) LP2982 Datasheet HTML 3Page - National Semiconductor (TI) LP2982 Datasheet HTML 4Page - National Semiconductor (TI) LP2982 Datasheet HTML 5Page - National Semiconductor (TI) LP2982 Datasheet HTML 6Page - National Semiconductor (TI) LP2982 Datasheet HTML 7Page - National Semiconductor (TI) LP2982 Datasheet HTML 8Page - National Semiconductor (TI) LP2982 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP2982
Micropower 50 mA Ultra Low-Dropout Regulator
General Description
The LP2982 is a 50 mA, fixed-output voltage regulator de-
signed to provide ultra low dropout and lower noise in battery
powered applications.
Using an optimized VIP(Vertically Integrated PNP) pro-
cess, the LP2982 delivers unequaled performance in all
specifications critical to battery-powered designs:
Dropout Voltage: Typically 120 mV @ 50 mA load, and 7 mV
@ 1 mA load.
Ground Pin Current: Typically 375 µA @ 50 mA load, and
80 µA @ 1 mA load.
Sleep Mode: Less than 1 µA quiescent current when on/off
pin is pulled low.
Smallest Possible Size: SOT-23 and micro SMD packages
use absolute minimum board space.
Precision Output: 1.0% tolerance output voltages available
(A grade).
Low Noise: By adding an external bypass capacitor, output
noise can be reduced to 30 µV (typical).
Ten output voltage versions, from 2.5V to 5.0V, are available
as standard products.
Features
n
Ultra low dropout voltage
n
Guaranteed 50 mA output current
n
Typical dropout voltage 180 mV @ 80 mA
n
Smallest possible size (SOT-23, micro SMD package)
n
Requires minimum external components
n <
1 µA quiescent current when shutdown
n
Low ground pin current at all loads
n
Output voltage accuracy 1.0% (A Grade)
n
High peak current capability (150 mA typical)
n
Wide supply voltage range (16V max)
n
Low Z
OUT 0.3Ω typical (10 Hz to 1 MHz)
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
n
Custom voltages available
Applications
n
Cellular Phone
n
Palmtop/Laptop Computer
n
Personal Digital Assistant (PDA)
n
Camcorder, Personal Stereo, Camera
Block Diagram
VIPis a trademark of National Semiconductor Corporation.
DS012679-1
March 2000
© 2000 National Semiconductor Corporation
DS012679
www.national.com


Similar Part No. - LP2982

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2982 TI1-LP2982 Datasheet
1Mb / 28P
Micropower Ultra-Low-Dropout LDO in SOT-23 Package
LP2982AIM5-3.0/NOPB TI1-LP2982AIM5-3.0/NOPB Datasheet
1Mb / 28P
Micropower Ultra-Low-Dropout LDO in SOT-23 Package
LP2982AIM5-3.3 TI1-LP2982AIM5-3.3 Datasheet
1Mb / 28P
Micropower Ultra-Low-Dropout LDO in SOT-23 Package
LP2982AIM5-3.3/NOPB TI1-LP2982AIM5-3.3/NOPB Datasheet
1Mb / 28P
Micropower Ultra-Low-Dropout LDO in SOT-23 Package
LP2982AIM5-5.0 TI1-LP2982AIM5-5.0 Datasheet
1Mb / 28P
Micropower Ultra-Low-Dropout LDO in SOT-23 Package
More results

Similar Description - LP2982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
Micropower 100 mA Ultra Low-Dropout Regulator
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com